Part Number Hot Search : 
B7749 S1200 ST2001H 2EMS8 RF201 F3048 2N36342 F9Z34
Product Description
Full Text Search
 

To Download TVS0603SMD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VARISTORS
TVS 0603 SMD
Multilayer Ceramic Transient Voltage Suppressor Standard Capacity Features
Thin layer, high precise techniques Lead free Bi-directional clamping Standard and low capacity Available with Nickel/Tin end termination
Specifications
Packaging
Tape and Reel T 7 inch reel (4.000 pcs.)
M a t e r i al
Body: Terminals: Ceramic (ZnO) Ni/Sn plated (code "P") Ag/Pt/Pd non plated (code "N" on request)
Operating Te m p e r a t u r e
-55 to +125C
Solderability
acc. to IEC 60068-2-58 235C, 2s
Applications
Dimensions a
Circuit board and ESD, EFT Protection of: * I/O ports * Keyboards * LCD` s * Sensors
S o l d e r i n g H e a t Resistanc e
260C, 10 sec. (IEC 60068-2-58) 280C, 5 sec. (IEC 60068-2-58)
Response Ti m e
<0.5ns
L T W
SYMBOL T a L W INCHES MIN MAX
0.008 0.057 0.026 0.035 0.020 0.069 0.037
Temperatur e coefficient (V) of clamping voltage (Vc) @ specified test current
<0.01%/C
Power d i s sipation
0.05W max.
S t a n d a r ds
MILLIMETERS MIN MAX
0.20 1.45 0.65 0.90 0.50 1.75 0.95
IEC 6 1000-4-2 MIL-STD-883C
Maximum Ratings (125C)
Type max. cont. working voltage VM ( D C ) (V)
JV0603ML050L JV0603ML030A JV0603ML050A JV0603ML090A JV0603ML120A JV0603ML140A JV0603ML180A JV0603ML220A JV0603ML260A JV0603ML300A 5, 5 3, 3 5, 5 9, 0 12,0 14,0 18,0 22,0 26,0 30,0
Specifications (25C)
typ. capacitance 1KHz . C typ. (pF)
420 1260 750 340 415 280 250 310 140 120
VM(AC) (V)
4, 0 2, 5 4, 0 6, 0 9, 0 11,0 14,0 17,0 20,0 25,0
max . non-repetitive surge current (8/20 s) IT M (A)
20 30 30 30 30 30 30 30 30 30
max. non-repetitive max. clamping nominal voltage surge energy voltage at spec. at 1mA (DC) current test current (10/1000 s) (8/20 s) WTM VC VN(DC)min. VN(DC)max. (J) (V@A) (V) (V)
0,05 0,10 0,10 0,10 0,10 0,10 0,10 0,10 0,10 0,10 15,5 @ 10,0 @ 15,5 @ 23,0 @ 27,0 @ 30,0 @ 40,0 @ 44,0 @ 58,0 @ 65,0 @ 1 2 2 2 2 2 2 2 2 2 7, 1 3, 8 7, 1 10,0 14,0 16,0 22,0 24,3 29,5 35,0 9, 8 7, 0 9, 8 14,5 18,5 21,0 28,0 30,0 38,0 43,0
typ. inductance
1MHz . C typ. (pF)
360 1080 640 300 340 240 220 270 130 110
L typ. (nH)
1, 0 1, 0 1, 0 1, 0 1, 0 1, 0 1, 0 1, 0 1, 0 1, 0
Orde r Information
Qty.
OrderNumbe r
Ty pe JV 0603ML140
Terminal Code A
P
Packaging
T
Specifications are subject to change without notice
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com
VARISTORS
TVS MAXIMUM CLAMPING VOLTAGE (V) Maximum Leakage 100
0603
SM D
Maximum Clamping Voltage
JV0603ML300A JV0603ML260A JV0603ML220A JV0603ML180A JV0603ML140A JV0603ML120A JV0603ML090A JV0603ML050L JV0603ML050A JV0603ML030A
30,0 22,0 30,0 22,0 26,0 18,0 12,0 5,5 3,3 14,0 9,0
26,0 18,0 12,0 5,5L 5,5
10
14,0 9,0
5,5L
3,3
100nA
1
1gA
V/I C h a r a c t e r i s t i cs
10gA
100gA CURRENT (I)
1mA
10mA
100mA
Maximum Surge Current:
JV0603ML050L
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com
VARISTORS
TVS
0603
SM D
Maximum Surge Current:
JV0603ML030A-JV0603ML300A JV0603ML050L
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com


▲Up To Search▲   

 
Price & Availability of TVS0603SMD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X